PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
5707.0801.312 |
FILTER, IEC, 8A, 2P FUSE; Current rating:8A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes
|
SCHURTER INC
|
42R35-3122-200 42R35-3126-200 42R35-3226-200 42R35 |
IEC 60320 COMBINATION FUSE HOLDER APPL. INLET, SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
HGN-365-4M-F2 HGN-365-4M-F1 HGN-365-6M-F1 HGN-365- |
IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
|
PowerDynamics, Inc
|
42R34-3122-200 42R34-3121-250 42R34-3121-150 42R34 |
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
44R01-5131-150 44R01-5131-250 44R01-2131-150 44R01 |
IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
|
PowerDynamics, Inc
|
CE45.1100.151 CE36.5100.151 CEG0.6100.151 CE20.610 |
CE POWER ENTRY MODULE W. FILTER 6A 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 4A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
SCHURTER AG SCHURTER INC
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
FT_FTO FTO-3Z FTO-3ZM FT-FTO FTO-1Z FTO-1ZM FTO-6Z |
FT/FTO IEC connector filter
|
PREMO CORPORATION S.L
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|